Part Number Hot Search : 
00222 W78E5 101M3 KSQ15A06 TC3504 K570ABM BZX84C K3569
Product Description
Full Text Search
 

To Download 74LS151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SN54/74LS151 8-INPUT MULTIPLEXER
The TTL / MSI SN54 / 74LS151 is a high speed 8-input Digital Multiplexer. It provides, in one package, the ability to select one bit of data from up to eight sources. The LS151 can be used as a universal function generator to generate any logic function of four variables. Both assertion and negation outputs are provided.
8-INPUT MULTIPLEXER
LOW POWER SCHOTTKY
* * * * *
Schottky Process for High Speed Multifunction Capability On-Chip Select Logic Decoding Fully Buffered Complementary Outputs Input Clamp Diodes Limit High Speed Termination Effects
J SUFFIX CERAMIC CASE 620-09
CONNECTION DIAGRAM DIP (TOP VIEW)
VCC 16 I4 15 I5 14 I6 13 I7 12 S0 11 S1 10 S2 9
16 1
16 1
N SUFFIX PLASTIC CASE 648-08
1 I3
2 I2
3 I1
4 I0
5 Z
6 Z
7 E
8 GND
16 1
D SUFFIX SOIC CASE 751B-03
ORDERING INFORMATION
SN54LSXXXJ SN74LSXXXN SN74LSXXXD Ceramic Plastic SOIC
PIN NAMES S0 - S2 E I0 - I7 Z Z Select Inputs Enable (Active LOW) Input Multiplexer Inputs Multiplexer Output (Note b) Complementary Multiplexer Output (Note b)
LOADING (Note a) HIGH 0.5 U.L. 0.5 U.L. 0.5 U.L. 10 U.L. 10 U.L. LOW 0.25 U.L. 0.25 U.L. 0.25 U.L. 5 (2.5) U.L. 5 (2.5) U.L.
LOGIC SYMBOL
7 4 3 2 1 15 14 13 12 E I0 I1 I2 I3 I4 I5 I6 I7 S0 S1 S2 Z Z 6 5
NOTES: a) 1 TTL Unit Load (U.L.) = 40 A HIGH/1.6 mA LOW. b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74) Temperature Ranges.
11 10 9
VCC = PIN 16 GND = PIN 8
FAST AND LS TTL DATA 5-252
SN54/74LS151
LOGIC DIAGRAM
S2 S1 S0 E
9 10 11 7
I0
4
I1
3
I2
2
I3
1
I4
15
I5
14
I6
13
I7
12
VCC = PIN 16 GND = PIN 8 = PIN NUMBERS
6
5
Z
Z
FUNCTIONAL DESCRIPTION The LS151 is a logical implementation of a single pole, 8-position switch with the switch position controlled by the state of three Select inputs, S0, S 1, S2. Both assertion and negation outputs are provided. The Enable input (E) is active LOW. When it is not activated, the negation output is HIGH and the assertion output is LOW regardless of all other inputs. The logic function provided at the output is:
Z = E (I0 S0 S1 S2 + I1 S0 S1 S2 + I2 S0 S1 S2 + I3 S0 S1 S2 + I4 S0 S1 S2 + I5 S0 S1 S2 + I6 S0 S1 S2 + I7 S0 S1 S2). The LS151 provides the ability, in one package, to select from eight sources of data or control information. By proper manipulation of the inputs, the LS151 can provide any logic function of four variables and its negation.
TRUTH TABLE
E H L L L L L L L L L L L L L L L L S2 X L L L L L L L L H H H H H H H H S1 X L L L L H H H H L L L L H H H H S0 X L L H H L L H H L L H H L L H H I0 X L H X X X X X X X X X X X X X X I1 X X X L H X X X X X X X X X X X X I2 X X X X X L H X X X X X X X X X X I3 X X X X X X X L H X X X X X X X X I4 X X X X X X X X X L H X X X X X X I5 X X X X X X X X X X X L H X X X X I6 X X X X X X X X X X X X X L H X X I7 X X X X X X X X X X X X X X X L H Z H H L H L H L H L H L H L H L H L Z L L H L H L H L H L H L H L H L H
H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care
FAST AND LS TTL DATA 5-253
SN54/74LS151
GUARANTEED OPERATING RANGES
Symbol VCC TA IOH IOL Supply Voltage Operating Ambient Temperature Range Output Current -- High Output Current -- Low Parameter 54 74 54 74 54, 74 54 74 Min 4.5 4.75 - 55 0 Typ 5.0 5.0 25 25 Max 5.5 5.25 125 70 - 0.4 4.0 8.0 Unit V C mA mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits Symbol VIH VIL VIK VOH Parameter Input HIGH Voltage Input LOW Voltage Input Clamp Diode Voltage Output HIGH Voltage 54 74 54, 74 VOL Output LOW Voltage 74 Input HIGH Current Input LOW Current Short Circuit Current (Note 1) Power Supply Current - 20 0.35 0.5 20 0.1 - 0.4 - 100 10 V A mA mA mA mA 2.5 2.7 54 74 - 0.65 3.5 3.5 0.25 0.4 Min 2.0 0.7 0.8 - 1.5 Typ Max Unit V V V V V V Test Conditions Guaranteed Input HIGH Voltage for All Inputs Guaranteed Input LOW Voltage for All Inputs VCC = MIN, IIN = - 18 mA VCC = MIN, IOH = MAX, VIN = VIH or VIL per Truth Table IOL = 4.0 mA IOL = 8.0 mA VCC = VCC MIN, VIN = VIL or VIH per Truth Table
IIH IIL IOS ICC
VCC = MAX, VIN = 2.7 V VCC = MAX, VIN = 7.0 V VCC = MAX, VIN = 0.4 V VCC = MAX VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25C)
Limits Symbol tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL Parameter Propagation Delay Select to Output Z Propagation Delay Select to Output Z Propagation Delay Enable to Output Z Propagation Delay Enable to Output Z Propagation Delay Data to Output Z Propagation Delay Data to Output Z Min Typ 27 18 14 20 26 20 15 18 20 16 13 12 Max 43 30 23 32 42 32 24 30 32 26 21 20 Unit ns ns ns ns ns ns Test Conditions
VCC = 5.0 V CL = 15 pF
AC WAVEFORMS
V IN 1.3 V 1.3 V V IN 1.3 V 1.3 V
t PHL
t PLH
t PHL
t PLH
V OUT
1.3 V
1.3 V
V OUT
1.3 V
1.3 V
Figure 1
Figure 2
FAST AND LS TTL DATA 5-254
-A-
Case 751B-03 D Suffix 16-Pin Plastic SO-16
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. 3. CONTROLLING DIMENSION: MILLIMETER. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. 751B 01 IS OBSOLETE, NEW STANDARD 751B 03.
16
9
-B1 8
P
8 PL
0.25 (0.010)
M
B
M
R X 45 G -TD 16 PL
0.25 (0.010)
M
C
SEATING PLANE
K
T B
S
M
F
J
A
S
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX
9.80 3.80 1.35 0.35 0.40 10.00 4.00 1.75 0.49 1.25
INCHES MIN MAX
0.386 0.150 0.054 0.014 0.016 0.393 0.157 0.068 0.019 0.049
1.27 BSC 0.19 0.10 0 5.80 0.25 0.25 0.25 7 6.20 0.50
0.050 BSC 0.008 0.004 0 0.229 0.010 0.009 0.009 7 0.244 0.019
Case 648-08 N Suffix 16-Pin Plastic -A16 9
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. 3. CONTROLLING DIMENSION: INCH. DIMENSION L" TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B" DOES NOT INCLUDE MOLD FLASH. 5. 6. ROUNDED CORNERS OPTIONAL. 648 01 THRU 07 OBSOLETE, NEW STANDARD 648 08.
B
1 8
F S
C -TK
SEATING PLANE
L
H G D 16 PL
0.25 (0.010)
M
J
M
T
A
M
DIM A B C D F G H J K L M S
MILLIMETERS MIN MAX
18.80 6.35 3.69 0.39 1.02 19.55 6.85 4.44 0.53 1.77
INCHES MIN MAX
0.740 0.250 0.145 0.015 0.040 0.770 0.270 0.175 0.021 0.070
2.54 BSC 1.27 BSC 0.21 2.80 7.50 0 0.51 0.38 3.30 7.74 10 1.01
0.100 BSC 0.050 BSC 0.008 0.110 0.295 0 0.020 0.015 0.130 0.305 10 0.040
-A16 9
Case 620-09 J Suffix 16-Pin Ceramic Dual In-Line
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
-B1 8
3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIM F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY.
C
L
5. 620 01 THRU 08 OBSOLETE, NEW STANDARD 620 09.
-TSEATING PLANE
K E F D 16 PL
0.25 (0.010)
M
N G
T A
S
M J 16 PL
0.25 (0.010)
M
T
B
S
DIM A B C D E F G J K L M N
MILLIMETERS MIN MAX
19.05 6.10 19.55 7.36 4.19 0.39 0.53
INCHES MIN MAX
0.750 0.240 0.770 0.290 0.165 0.015 0.021
1.27 BSC 1.40 1.77
0.050 BSC 0.055 0.070
2.54 BSC 0.23 0.27 5.08 7.62 BSC 0 0.39 15 0.88
0.100 BSC 0.009 0.011 0.200 0.300 BSC 0 0.015 15 0.035
FAST AND LS TTL DATA 5-255
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers: USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
FAST AND LS TTL DATA 5-256


▲Up To Search▲   

 
Price & Availability of 74LS151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X